Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS075LG Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce AS075LG
Description  HOL-SEALERS Hole Seals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AS075LG Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  AS075LG Datasheet HTML 1Page - List of Unclassifed Manufacturers AS075LG Datasheet HTML 2Page - List of Unclassifed Manufacturers AS075LG Datasheet HTML 3Page - List of Unclassifed Manufacturers AS075LG Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Subject to change without notice
PH (763) 422-2211 • FX (763) 422-2600 • hoffmanonline.com
© 2010 Pentair Technical Products
Accessories: Hole Seals
Hole Seals
Spec-00182 C
Standard Product 
Catalog Number
Material
Finish/Color
For
Maximum Hole Diameter
in./mm
Hol-Sealer Diameter
in./mm
AS056M
Steel
ANSI 61 gray
Micro
0.56
14
0.80
20
AS056MSS
Stainless Steel
Stainless Steel
Micro
0.56
14
0.80
20
AS056CB
Steel
Chrysler beige
Micro
0.56
14
0.80
20
AS056MFB
Steel
Ford brown
Micro
0.56
14
0.80
20
AS056MLG
Steel
Light gray
Micro
0.56
14
0.80
20
ASPBG
Steel
ANSI 61 gray
22.5-mm pushbutton holes
0.88
22
1.22
31
ASPBGSS
Stainless Steel
Stainless Steel
22.5-mm pushbutton holes
0.88
22
1.22
31
AS050
Steel
ANSI 61 gray
1/2-in. conduit holes
0.88
22
1.38
35
AS050LG
Steel
Light gray
1/2-in. conduit holes
0.88
22
1.38
35
AS050SS
Stainless Steel
Stainless Steel
1/2-in. conduit holes
0.88
22
1.38
35
AS075
Steel
ANSI 61 gray
3/4-in. conduit holes
1.06
27
1.56
40
AS075SS
Stainless Steel
Stainless Steel
3/4-in. conduit holes
1.06
27
1.56
40
AS075LG
Steel
Light gray
3/4-in. conduit holes
1.06
27
1.56
40
ASPB
Steel
ANSI 61 gray
30.5-mm pushbutton holes
1.25
32
1.75
44
ASPBSS
Stainless Steel
Stainless Steel
30.5-mm pushbutton holes
1.25
32
1.75
44
ASPBLG
Steel
Light gray
30.5-mm pushbutton holes
1.25
32
1.75
44
AS100
Steel
ANSI 61 gray
1-in. conduit holes
1.38
35
1.88
48
AS100SS
Stainless Steel
Stainless Steel
1-in. conduit holes
1.38
35
1.88
48
AS100LG
Steel
Light gray
1-in. conduit holes
1.38
35
1.88
48
AS125
Steel
ANSI 61 gray
1 1/4-in. conduit holes
1.69
43
2.19
56
AS125SS
Stainless Steel
Stainless Steel
1 1/4-in. conduit holes
1.69
43
2.19
56
AS125LG
Steel
Light gray
1 1/4-in. conduit holes
1.69
43
2.19
56
AS150
Steel
ANSI 61 gray
1 1/2-in. conduit holes
2.00
51
2.50
64
AS150SS
Stainless Steel
Stainless Steel
1 1/2-in. conduit holes
2.00
51
2.50
64
AS150LG
Steel
Light gray
1 1/2-in. conduit holes
2.00
51
2.50
64
AS200
Steel
ANSI 61 gray
2-in. conduit holes
2.50
64
3.00
76
AS200SS
Stainless Steel
Stainless Steel
2-in. conduit holes
2.50
64
3.00
76
AS200LG
Steel
Light gray
2-in. conduit holes
2.50
64
3.00
76
AS250
Steel
ANSI 61 gray
2 1/2-in. conduit holes
3.00
76
3.50
89
AS250SS
Stainless Steel
Stainless Steel
2 1/2-in. conduit
3.00
76
3.50
89
AS300
Steel
ANSI 61 gray
3-in. conduit holes
3.62
92
4.12
105
AS300SS
Stainless Steel
Stainless Steel
3-in. conduit holes
3.62
92
4.12
105
AS350
Steel
ANSI 61 gray
3 1/2-in. conduit holes
4.12
105
4.62
117
AS350SS
Stainless Steel
Stainless Steel
3 1/2-in. conduit holes
4.12
105
4.62
117
AS400
Steel
ANSI 61 gray
4-in. conduit holes
4.62
117
5.12
130
AS400SS
Stainless Steel
Stainless Steel
4-in. conduit holes
4.62
117
5.12
130



Html Pages

1 2 3 4