Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS050LG Fiches technique(PDF) 4 Page - List of Unclassifed Manufacturers

No de pièce AS050LG
Description  HOL-SEALERS Hole Seals
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AS050LG Fiches technique(HTML) 4 Page - List of Unclassifed Manufacturers

  AS050LG Datasheet HTML 1Page - List of Unclassifed Manufacturers AS050LG Datasheet HTML 2Page - List of Unclassifed Manufacturers AS050LG Datasheet HTML 3Page - List of Unclassifed Manufacturers AS050LG Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Subject to change without notice
PH (763) 422-2211 • FX (763) 422-2600 • hoffmanonline.com
© 2010 Pentair Technical Products
Accessories: Hole Seals
Hole Seals
Spec-00182 C
 HOL-SEALERS
® Fit These Hole Sizes
Catalog Number
Fits
Min. Hole
Dia. (inch)
Min. Hole
Dia. (millimeter)
Nut
Orientation
ASPB05075NM
.5-in. conduit holes
.86
22
A
22.5-mm pushbutton holes
.88
22
A
.75-in. conduit holes
1.09
28
A
ASPB100125NM
30.5-mm pushbutton holes
1.20
31
A
1-in. conduit holes
1.36
35
B
1.25-in. conduit holes
1.70
43
A
AS150200250NM
1.5-in. conduit holes
1.95
50
A
2-in. conduit holes
2.38
60
B
2.5-in. conduit holes
2.88
73
A
AS300350400NM
3-in. conduit holes
3.50
89
A
3.5-in. conduit holes
4.00
102
B
4-in. conduit holes
4.50
114
A



Html Pages

1 2 3 4