Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LLSD103B Fiches technique(PDF) 2 Page - Diodes Incorporated

No de pièce LLSD103B
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LLSD103B Fiches technique(HTML) 2 Page - Diodes Incorporated

  LLSD103B Datasheet HTML 1Page - Diodes Incorporated LLSD103B Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS30068 Rev. 2 - 2
2 of 2
LLSD103A - 103C
1.0
10
100
1000
0.10
0.01
0
0.5
1.0
V , FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Characteristics
0
1
2
3
4
5
0
0.5
1.0
1.5
V , FORWARD VOLTAGE (V)
F
Fig. 2 Typical High Current Fwd Characteristics
t = 300
ms
p
duty cycle = 2%
0
10
20
30
40
50
0
100
200
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 3 Blocking Voltage Derating Curves
100mA
200mA
I = 400mA
F
Notes:
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
LLSD103A-7
LLSD103A-13
LLSD103B-7
LLSD103B-13
LLSD103C-7
LLSD103C-13
MiniMELF
3000/Tape & Reel
10000/Tape & Reel
3000/Tape & Reel
10000/Tape & Reel
3000/Tape & Reel
10000/Tape & Reel
Ordering Information (Note 3)



Html Pages

1 2