| Moteur de recherche de fiches techniques de composants électroniques |
|
BU808 Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BU808 Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() DS21227 Rev. D-2 2 of 2 GBU8005-GBU810 0.1 1.0 10 100 0.2 0.0 0.6 1.0 1.8 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig.2 Typical Forward Characteristics F T = 25 C j ° Pulse width = 300 s µ 1.4 0 100 200 250 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Surge Current Single Half-Sine Wave (JEDEC Method) T = 25 C j ° 0 2 4 6 8 10 0 50 100 150 T , CASE TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve C ° Resistive or Inductive Load With heatsink Without heatsink 10 100 1000 0.1 1.0 10 100 V , REVERSE VOLTAGE (V) Fig.4 Typical Junction Capacitance R T= 25 C j ° f = 1.0MHz |