Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

62011-2 Fiches technique(PDF) 21 Page - Tyco Electronics

No de pièce 62011-2
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

62011-2 Fiches technique(HTML) 21 Page - Tyco Electronics

Back Button 62011-2 Datasheet HTML 14Page - Tyco Electronics 62011-2 Datasheet HTML 15Page - Tyco Electronics 62011-2 Datasheet HTML 16Page - Tyco Electronics 62011-2 Datasheet HTML 17Page - Tyco Electronics 62011-2 Datasheet HTML 18Page - Tyco Electronics 62011-2 Datasheet HTML 19Page - Tyco Electronics 62011-2 Datasheet HTML 20Page - Tyco Electronics 62011-2 Datasheet HTML 21Page - Tyco Electronics 62011-2 Datasheet HTML 22Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
30
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
AMPLIVAR Receptacles (Continued)
187 Series FASTON Flag
Receptacles
Stock Thickness — .016 [0.41]
Magnet Wire Range
Insulation
Mating
Material
Material
Part
CMA
mm2
Diameter
Tab Thk.
Thickness
Number
500-1200
0.25-0.61
.020-.040
.020
Tin Plated Brass
.016
63942-1
0.51-1.02
0.51
0.41
24-20 AWG
0.2-0.5
.020-.040
.032
Tin Plated Brass
.016
1217624-1
0.51-1.02
0.81
0.41
20-16 AWG
0.57-1.39
.050-.090
.032
Tin Plated
.016
1742679-2
1.27-2.29
0.81
Phosphor Bronze
0.41
1200-2350
0.61-1.19
.020-.040
.020
Tin Plated Brass
.016
63941-1
0.51-1.02
0.51
0.41
2000-4000
1.01-2.03
.020-.040
.032
Tin Plated Brass
0.016
1217955-1
0.51-1.02
0.81
0.41
2000-4050
1.01-2.05
.020-.040
.020
Tin Plated Brass
.016
63940-1
0.51-1.02
0.51
0.41
2000-4050
1.01-2.05
.020-.040
.032
Tin Plated Brass
.016
1217417-1
0.51-1.02
0.81
0.41
3000-6000
1.52-3.04
.020-.040
.020
Tin Plated Brass
.016
1217899-1
0.51-1.02
0.51
0.41
.045
[1.14]
.240
[6.10]
.4.35
[11.05]
.232
[5.89]
250 Series FASTON Flag
Receptacles
Stock Thickness — .018 [0.45]
Magnet Wire Range
Insulation
Mating
Material
Material
Part
CMA
mm2
Diameter
Tab Thk.
Thickness
Number
16-12
1.39-3.47
.120-.170
.032
Tin Plated
.018
63944-1
3.05-4.32
0.81
Phos Bronze
0.45
.070
[1.78]
.305
[7.75]
.600
[15.24]
.300
[7.62]
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22