| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS8545I Fiches technique(PDF) 9 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS8545I Fiches technique(HTML) 9 Page - Integrated Device Technology |
|
9 / 15 page ![]() ICS8545I LOW SKEW, 1-TO-4, LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER IDT™ / ICS™ LVDS FANOUT BUFFER 9 ICS8545BGI REV. B MARCH 02, 2009 Parameter Measurement Information, continued Output Short Circuit Current Setup Application Information Recommendations for Unused Input and Output Pins Inputs: CLK Inputs For applications not requiring the use of a clock input, it can be left floating. Though not required, but for additional protection, a 1k Ω resistor can be tied from the CLK input to ground. LVCMOS Control Pins All control pins have internal pull-ups or pull-downs; additional resistance is not required but can be added for additional protection. A 1k Ω resistor can be used. Outputs: LVDS Outputs All unused LVDS output pairs can be either left floating or terminated with 100 Ω across. If they are left floating, there should be no trace attached. out LVDS DC Input ➤ IOS ➤ IOSB V DD out |