| Moteur de recherche de fiches techniques de composants électroniques |
|
IRF2805LPBF Fiches technique(PDF) 10 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRF2805LPBF Fiches technique(HTML) 10 Page - International Rectifier |
|
10 / 11 page ![]() IRF2805S/LPbF 10 www.irf.com TO-262 Part Marking Information TO-262 Package Outline Dimensions are shown in millimeters (inches) LOGO RECTIFIER INTERNATIONAL LOT CODE AS SEMBLY LOGO RECTIFIER INTERNATIONAL DATE CODE WEEK 19 YEAR 7 = 1997 PART NUMBER A= ASSEMBLY SITE CODE OR PRODUCT (OPTIONAL) P = DESIGNATES LEAD-FREE EXAMPLE: THIS IS AN IRL3103L LOT CODE 1789 ASS EMBLY PART NUMBER DATE CODE WEEK 19 LINE C LOT CODE YEAR 7 = 1997 AS SEMBLED ON WW 19, 1997 IN THE AS SEMBLY LINE "C" Notes: 1. For an Automotive Qualified version of this part please see http://www.irf.com/product-info/auto/ 2. For the most current drawing please refer to IR website at http://www.irf.com/package/ |