Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P2CF-11 Fiches technique(PDF) 6 Page - Omron Electronics LLC

No de pièce P2CF-11
Description  DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-11 Fiches technique(HTML) 6 Page - Omron Electronics LLC

Back Button P2CF-11 Datasheet HTML 2Page - Omron Electronics LLC P2CF-11 Datasheet HTML 3Page - Omron Electronics LLC P2CF-11 Datasheet HTML 4Page - Omron Electronics LLC P2CF-11 Datasheet HTML 5Page - Omron Electronics LLC P2CF-11 Datasheet HTML 6Page - Omron Electronics LLC P2CF-11 Datasheet HTML 7Page - Omron Electronics LLC P2CF-11 Datasheet HTML 8Page - Omron Electronics LLC P2CF-11 Datasheet HTML 9Page - Omron Electronics LLC P2CF-11 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
H3CA
6
ON-delay Operation
Repeat Cycle Operation
2. The set time is the sum of t1 and t2.
t: Set time; t-a: Time within the set time
t: Set time; t-a: Time within the set time
If a check signal is input to the timer during the lapse of a set time,
the remaining set time will become 0 and the timer will enter the
next control state. Also, while a check signal is being input, the
elapsed time measurement of the set time is not performed.
Note: 1. This timing chart indicates the gate input in operation
mode A (ON-delay operation).
How to Use Gate Signal Input
How to Use Check Signal Input
H3CA-8H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16