| Moteur de recherche de fiches techniques de composants électroniques |
|
EXII-7720SC Fiches technique(PDF) 1 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
EXII-7720SC Fiches technique(HTML) 1 Page - 3M Electronics |
|
1 / 4 page ![]() EX II Series Capacitive Touch System Product Highlights • State-of-the-art accuracy and touch response • Standard-setting ESD and EMI protection • Firmware download capability provides flexibility • Wide operating temperature • High touch coordinate resolution of 16k x 16k* • USB, HID, RS232-compliant interfaces * The maximum number of addressable coordinates generated by the controller A World-Class Electronics Solution The MicroTouch™ EX II Series Controllers bring flexibility and feature- rich functionality to capacitive touch screen applications. This high performance electronics platform is based on the innovative MicroTouch™ EX II ASIC, designed to provide high resolution, on-chip RAM, and a wide operating temperature range. With expanded regulatory approvals, improved power modes, and enhanced ESD and EMI protection, this controller series is a robust solution for popular touch applications. Advanced Firmware Download Capability Culminating decades of touch technology experience, the EX II Series electronics enables advanced firmware download capabilities, optimized for MicroTouch™ ClearTek™ II and legacy ClearTek™ touch screens. Standard factory-loaded firmware can be easily updated or replaced at some future date with downloadable, newer firmware revisions to match updated software application functionality. This field upgrade capability can mean minimal downtime for software upgrades. Electronics |
Description similaire - EXII-7720SC |