Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EAEVALEDIP128B Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers

No de pièce EAEVALEDIP128B
Description  OPERATING UNIT 128x64 with touch panel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EAEVALEDIP128B Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button EAEVALEDIP128B Datasheet HTML 17Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 18Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 19Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 20Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 21Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 22Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 23Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 24Page - List of Unclassifed Manufacturers EAEVALEDIP128B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
EAeDIP128-6
Page 21
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
DISPLAY BLINK MODE
After power on or the command 'ESC DG 0' the eDIP128 is in blink mode.
Two picture contents are alternatly shown in an adjustable period.
Blink attributs are set by the commands 'ESC ZB, UB, GB n1':
n1=0: no blink
n1=1: On/Off blink
n1=2: blink inverted
n1=3: Off/On blink (phase shifted)
Between strings ('ESC ZL,ZC,ZR. ..), flashing can be activated locally:
Strings between two ‘~’ ($7E) mean blink on/off.
Strings between two ‘&’ ($26) mean blink off/on phase shifted.
Strings between two '@' ($40) mean blink inverted.
In addition you can assign or delete postly an rectangle area a blink mode, by using the command
'ESC Q...'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29