| Moteur de recherche de fiches techniques de composants électroniques |
|
EALED55X46-R Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
EALED55X46-R Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers |
|
6 / 9 page ![]() EA DOGM128-6 Page 6 ELECTRONIC ASSEMBLY reserves the right to change specifications without prior notice. Printing and typographical errors reserved. INITIALISATION EXAMPLE Internal contrast voltage generator (single supply +3.0V / +3.3V) INITIALISATION EXAMPLE External contrast voltage (dual power supply) Initialisation example for single supply +3.3V (bottom view) Command A0 D7 D6 D5 D4 D3 D2 D1 D0 Hex Remark (2) Display start line set 0 0 1 0 0 0 0 0 0 $40 Display start line 0 (8) ADC set 0 1 0 1 0 0 0 0 1 $A1 ADC reverse *) (15) Common output mode select 0 1 1 0 0 0 0 0 0 $C0 Normal COM0~COM63 (9) Display normal/reverse 0 1 0 1 0 0 1 1 0 $A6 Display normal (11) LCD bias set 0 1 0 1 0 0 0 1 0 $A2 Set bias 1/9 (Duty 1/65) (16) Power control set 0 0 0 1 0 1 1 1 1 $2F Booster, Regulator and Follower on (20) Booster ratio set 0 1 1 1 1 1 0 0 0 $F8 Set internal Booster to 4x 0 0 0 0 0 0 0 0 $00 (17) V0 voltage regulator set 0 0 0 1 0 0 1 1 1 $27 Contrast set (18) Electronic volume mode set 0 1 0 0 0 0 0 0 1 $81 0 0 0 1 0 1 1 0 $16 (19) Static indicator set 0 1 0 1 0 1 1 0 0 $AC No indicator 0 0 0 0 0 0 0 0 $00 (1) Display ON/OFF 0 1 0 1 0 1 1 1 1 $AF Display on *) Make sure that for 6:00 viewing direction ADC has to be set to „reverse“ (mirrored layout) ! Orientation for 6:00 (Bottom View) Initialisation example for dual power supply (bottom view) Command A0 D7 D6 D5 D4 D3 D2 D1 D0 Hex Remark (2) Display start line set 0 0 1 0 0 0 0 0 0 $40 Display start line 0 (8) ADC set 0 1 0 1 0 0 0 0 1 $A1 ADC reverse *) (15) Common output mode select 0 1 1 0 0 0 0 0 0 $C0 Normal COM0~COM63 (9) Display normal/reverse 0 1 0 1 0 0 1 1 0 $A6 Display normal (11) LCD bias set 0 1 0 1 0 0 0 1 0 $A2 Set bias 1/9 (Duty 1/65) (16) Power control set 0 0 0 1 0 1 0 1 1 $2B Booster off, Regulator, Follower on (17) V0 voltage regulator set 0 0 0 1 0 0 1 1 1 $27 Contrast set (18) Electronic volume mode set 0 1 0 0 0 0 0 0 1 $81 0 0 0 1 0 1 1 0 $16 (19) Static indicator set 0 1 0 1 0 1 1 0 0 $AC No indicator 0 0 0 0 0 0 0 0 $00 (1) Display ON/OFF 0 1 0 1 0 1 1 1 1 $AF Display on *) Make sure that for 6:00 viewing direction ADC has to be set to „reverse“ (mirrored layout) ! |