Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EA094-R Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce EA094-R
Description  BEZEL FOR DOTMATRIX MODULES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EA094-R Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  EA094-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EA094-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EA094-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EA094-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EA094-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EA094-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EA094-R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BEZELS
Page 5
Specifications may be changed without
prior notice. Printing error reserved
FRONTPANEL AND MOUNTING
BEZELS FOR LED-MODULES
WITH 12, 19, 25mm DIGIT HEIGHT
Ordering
viewing area
bezel size
cutout
mounting
matching
information
A
B
C
D
E
F
G
module
EA 074-R
42,7
12,2
63,0
25,5
59,0
21,5
48,5/ M3
4 Digit (LED)
EA 079-R
106,0
12,2
125,5
25,5
121,5
21,5
114,5/ M3
9 Digit (LED)
EA 083-R
43,0
25,0
62,5
38,0
58,5
34,0
50 / M3
3 Digit (LED)
EA 087-K/-R
93,0
25,0
114,0
38,0
110,0
34,0
101
8 Digit (LED)
EA 093-R
38,0
19,5
59,0
32,0
55,0
28,0
45 / M3
3 Digit (LED)
EA 094-R
50,0
19,5
70,5
32,0
66,5
28,0
58 / M3
4 Digit (LED)
EA 096-R
77,0
19,5
97,0
32,0
93,0
28,0
84 / M3
6 Digit (LED)
These bezels are usually delivered with a red acrylicglass window. Alternatively you can order a clear
acrylicglass window. The ordering information is now e.g: EA 096-K insted of EA 096-R.
(all dimensions in mm)



Html Pages

1 2 3 4 5 6 7