Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EA083-R Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce EA083-R
Description  BEZEL FOR DOTMATRIX MODULES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

EA083-R Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

  EA083-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EA083-R Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EABEZELS
Page 6
Specifications may be changed without
prior notice. Printing error reserved
Zeppelinstraße 19 · D-82205 Gilching · Tel. +49-(0)8105-778090 · Fax: +49-(0)8105-778099 · www.lcd-module.de · info@lcd-module.de
FRONTPANEL AND MOUNTING
BEZELS FOR SPECIAL MODULES
EA 033-K
45,7
18,2
72,0
36,0
68,0
33,0
62 x 27
EA 4060-DP
EA 033-R
45,7
18,2
72,0
36,0
68,0
33,0
62 x 27
EA 4040-DP
EA 044
32,5
13,0
48,0
24,0
45,0
22,5
snap-in
EA 4044
EA 055
42,5
17,5
60,0
30,0
57,0
27,0
snap-in
EA 4055/-S
EA 055-31
42,5
17,5
60,0
30,0
57,0
27,0
snap-in
EA 1031-N,EA 4050
The snap-in bezel is delivered in two parts: the bezel and the window. The bezel is pressed from the
frontside into the frontpanel and the corresponding module is snapped in from the rearside of the frontpanel.
Finally the window is pasted up to the bezel.
Ordering
information
viewing area
bezel size
cutout
mounting matching module
(all dimensions in mm)



Html Pages

1 2 3 4 5 6 7