Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADV7521 Fiches technique(PDF) 2 Page - Analog Devices

No de pièce ADV7521
Description  Tape and Reel Packaging
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADV7521 Fiches technique(HTML) 2 Page - Analog Devices

  ADV7521 Datasheet HTML 1Page - Analog Devices ADV7521 Datasheet HTML 2Page - Analog Devices ADV7521 Datasheet HTML 3Page - Analog Devices ADV7521 Datasheet HTML 4Page - Analog Devices ADV7521 Datasheet HTML 5Page - Analog Devices ADV7521 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin 1 Orientation
Devices are reeled so that Pin 1 is oriented properly with the direction of feed and round sprocket holes. Pin 1 orientation
is denoted as C1 to C4, or M1, with respect to the direction of feed and round sprocket holes, as illustrated below.
M1
DIRECTION OF FEED
ROUND
SPROCKET
HOLES
C1
C4
C2
C3
NBSOIC (C1)
SSOP, TSSOP, AND MSOP (C1)
SOT-23 (C4)
SOT-23 (C4)
WBSOIC (C1)
TQFP, LQFP, MQFP, AND LPCC (C2)
PLCC (M1)
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
DIRECTION OF FEED
Figure 2. Pin 1 orientation reference.
Figure 3. Examples of standard Pin 1 orientation.
2
| Tape and Reel Packaging



Html Pages

1 2 3 4 5 6