| Moteur de recherche de fiches techniques de composants électroniques |
|
AD8312 Fiches technique(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8312 Fiches technique(HTML) 2 Page - Analog Devices |
|
2 / 6 page ![]() Pin 1 Orientation Devices are reeled so that Pin 1 is oriented properly with the direction of feed and round sprocket holes. Pin 1 orientation is denoted as C1 to C4, or M1, with respect to the direction of feed and round sprocket holes, as illustrated below. M1 DIRECTION OF FEED ROUND SPROCKET HOLES C1 C4 C2 C3 NBSOIC (C1) SSOP, TSSOP, AND MSOP (C1) SOT-23 (C4) SOT-23 (C4) WBSOIC (C1) TQFP, LQFP, MQFP, AND LPCC (C2) PLCC (M1) DIRECTION OF FEED DIRECTION OF FEED DIRECTION OF FEED DIRECTION OF FEED DIRECTION OF FEED DIRECTION OF FEED DIRECTION OF FEED Figure 2. Pin 1 orientation reference. Figure 3. Examples of standard Pin 1 orientation. 2 | Tape and Reel Packaging |