Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZSC31150FEG1-R Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce ZSC31150FEG1-R
Description  Fast Automotive Sensor Signal Conditioner
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FEG1-R Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  ZSC31150FEG1-R Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSC31150FEG1-R Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSC31150FEG1-R Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSC31150FEG1-R Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31150FEG1-R Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31150FEG1-R Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31150FEG1-R Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31150FEG1-R Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150FEG1-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
Data Sheet
August 16, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without
notice.
5 of 24
List of Figures
Figure 2.1
Block Diagram of the ZSC31150 ...................................................................................................10
Figure 2.2: Measurement Cycle.......................................................................................................................13
Figure 3.1: Bridge in Voltage Mode, External Diode Temperature Sensor .....................................................18
Figure 3.2: Bridge in Voltage Mode, External Thermistor................................................................................19
Figure 3.3: Bridge in Current Mode, Temperature Measurement via Bridge TC.............................................19
Figure 5.1: ZSC31150 Pin Diagram.................................................................................................................21
List of Tables
Table 1.1
Absolute Maximum Ratings .............................................................................................................6
Table 1.2
Operating Conditions .......................................................................................................................6
Table 2.1
Adjustable Gains, Resulting Sensor Signal Spans and Common Mode Ranges .........................11
Table 2.2
Analog Zero Point Shift Ranges (XZC)..........................................................................................12
Table 2.3:
Analog Output Resolution Versus Sample Rate............................................................................14
Table 3.1:
Application Circuit Parameters ......................................................................................................18
Table 4.1:
..................................................................................20
Pin Configuration and Latch-Up Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25