| Moteur de recherche de fiches techniques de composants électroniques |
|
ZIOL2111 Fiches technique(PDF) 43 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZIOL2111 Fiches technique(HTML) 43 Page - List of Unclassifed Manufacturers |
|
43 / 91 page ![]() ZIOL2xxx – IC Family IO-Link compliant HV Line Driver IC Family Data Sheet January 31, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 43 of 90 Reg.-Name Addr. Bit-Field Bit Reset- Value r/w Comment Reference 14 WURQ_PAD_MODE 6 0 r/w WURQ_PAD_MODE: 0 = open-drain / 1 = push-pull 14 DCDC_READY_DELAY 5 1 r/w DCDC-Ready-delay- enable / 0 = No delay / 1 = delay 50 ms 14 BOTH_CHANNEL_LOCK 4 0 r/w lock only, when both channel are in OVL- alarm Recommended to be set (=1) in tandem mode 14 IRQ_NOREG 3 0 r/w 0 = IRQ-Port follows state-reg / 1 = IRQ follows state-signals 14 WURQSOURCE 2 0 r/w Source for WURQ- detection 0 = COM / 1 = AUX 14 WURQDETECT_CURRENT 1 1 r/w WURQ detection on current (overload) 14 WURQDETECT_LVL 0 1 r/w WURQ detection on levels (can be combined with current) AUX_LOCK_TIME 15 7:0 100 r/w Overload: time until Lock is released Added in Rev B STATUS REGISTER MON_RST_LOCK_WURQ 16 4:0 0 w/pulse Figure 3.14 16 MON_RST_POWER_FAIL 4 0 w/pulse Reset for power fail due to line-fault or under-voltage Added in Rev B 16 MON_RST_WURQ 3 0 w/pulse Reset for Wake Up Request 16 MON_RST_AUX_LOCK 2 0 w/pulse Reset for Channel 2 Lock 16 MON_RST_COM_LOCK 1 0 w/pulse Reset for Channel 1 Lock |