Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SAP5SD-B-G1-R Fiches technique(PDF) 19 Page - List of Unclassifed Manufacturers

No de pièce SAP5SD-B-G1-R
Description  Universal Actuator-Sensor Interface IC
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SAP5SD-B-G1-R Fiches technique(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SAP5SD-B-G1-R Datasheet HTML 15Page - List of Unclassifed Manufacturers SAP5SD-B-G1-R Datasheet HTML 16Page - List of Unclassifed Manufacturers SAP5SD-B-G1-R Datasheet HTML 17Page - List of Unclassifed Manufacturers SAP5SD-B-G1-R Datasheet HTML 18Page - List of Unclassifed Manufacturers SAP5SD-B-G1-R Datasheet HTML 19Page - List of Unclassifed Manufacturers SAP5SD-B-G1-R Datasheet HTML 20Page - List of Unclassifed Manufacturers SAP5SD-B-G1-R Datasheet HTML 21Page - List of Unclassifed Manufacturers SAP5SD-B-G1-R Datasheet HTML 22Page - List of Unclassifed Manufacturers SAP5SD-B-G1-R Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
SAP5S / SAP51
Universal Actuator-Sensor Interface IC
Data Sheet
July 17, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
19 of 62
2.3.12. Summary of Master Calls
In and Table 7 on the following pages show the complete set of master calls that are decoded by the SAP5 in
Slave Mode. The master calls in Table 7 are intended for programming of the IC by the slave manufacturer
only. They become deactivated as soon as the Lock_EE_PRG and Safety_Program_Mode_Disable flag are
set in the Firmware Area of the E²PROM.
AS-i Complete Specification compliance note:
In order to achieve full compliance to the AS-i Complete Specification, the Program_Mode_Disable flag must
be set by the manufacturer of AS-i slave modules during the final manufacturing and configuration process
and before an AS-i slave device is delivered to field application users.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63