| Moteur de recherche de fiches techniques de composants électroniques |
|
ASI4U Fiches technique(PDF) 21 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ASI4U Fiches technique(HTML) 21 Page - List of Unclassifed Manufacturers |
|
21 / 64 page ![]() ASI4U / ASI4U-E / ASI4U-F Spec. 3.0 Compliant Universal AS-I IC Data Sheet April 2, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice. 21 of 63 Table 6: ASI4U Master Calls and Related Slave Responses Master Request Slave Response Instruction MNE ST CB A4 A3 A2 A1 A0 I4 I3 I2 I1 I0 PB EB SB I3 I2 I1 I0 PB EB Data Exchange DEXG 0 0 A4 A3 A2 A1 A0 0 D3 ~Sel D2 D1 D0 PB 1 0 D3 E3 D2 E2 D1 E1 D0 E0 PB 1 Write Parameter WPAR 0 0 A4 A3 A2 A1 A0 1 P3 ~Sel P2 P1 P0 PB 1 0 P3 I3 P2 I2 P1 I1 P0 I0 PB 1 Address Assignment ADRA 00 00 00 0 A4 A3 A2 A1 A0 PB 1 00 1 1 0 0 1 Write Extented ID Code_1 WID1 01 00 00 0 0 ID3 ID2 ID1 ID0 PB 1 0 0 0 00 0 1 Delete Address DELA 0 1 A4 A3 A2 A1 A0 0 0 Sel 0 0 0 PB 1 0 0 0 0 0 0 1 Reset Slave RES 0 1 A4A3 A2A1 A0 1 1 ~Sel 10 0 PB 1 0 0 11 001 Read IO Configuration RDIO 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 0 0 PB 1 0 IO3 IO2 IO1 IO0 PB 1 Read ID Code RDID 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 0 1 PB 1 0 ID3 ID2 ID1 ID0 PB 1 Read ID Code_1 RID1 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 1 0 PB 1 0 ID3 ID2 ID1 ID0 PB 1 Read ID Code_2 RID2 0 1 A4 A3 A2 A1 A0 1 0 Sel 0 1 1 PB 1 0 ID3 ID2 ID1 ID0 PB 1 Read Status RDST 0 1 A4 A3 A2 A1 A0 1 1 ~Sel 1 1 0 PB 1 0 S3S2 S1S0 PB 1 Broadcast (Reset) BR01 0 1 1 1 1 1 1 1 0 1 0 1 1 1 --- no slave response --- Enter Program Mode PRGM 0 1 0 0 0 0 0 1 1 1 0 1 1 1 --- no slave response --- Note: In Extended Address Mode the "Select Bit" defines whether the A-Slave or B-Slave is being addressed. Depending on the type of master call bit I3 carries the select bit information (Sel = A-Slave) or the inverted select bit information (~Sel = B-Slave). |