| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS40W Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAS40W Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() DS30114 Rev. 8 - 2 2 of 3 BAS40W/-04/-05/-06 www.diodes.com 0 100 200 T , AMBIENT TEMPERATURE (ºC) A Fig. 4 Power Derating Curve, Total Package 0 50 100 150 200 250 0 1 3 2 0 10 20 40 30 V , REVERSE VOLTAGE (V) R Fig.3 Typical Capacitance f = 1MHz 0.1 1 10 100 1000 10000 0 10 20 30 40 V , INSTANTANEOUS REVERSE VOLTAGE (V) R Fig. 2 Typical Reverse Characteristics T= -40ºC A T = 25ºC A T = 75ºC A T = 125ºC A T= 0ºC A 0.01 0.1 1 0.001 0.0001 0 1.0 0.6 0.8 0.4 0.2 V , INSTANTANEOUS FORWARD VOLTAGE (V) F Fig. 1 Typical Forward Voltage T = -40ºC A T = 125ºC A T = 75ºC A T = 25ºC A T = 0ºC A |