Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

B320 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce B320
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B320 Fiches technique(HTML) 3 Page - Diodes Incorporated

  B320 Datasheet HTML 1Page - Diodes Incorporated B320 Datasheet HTML 2Page - Diodes Incorporated B320 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS13005 Rev. G-2
3 of 3
B320/A/B-B360/A/B
100
10
1
0.1
1000
10,000
020
40
60
70
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig.7 Typical Reverse Characteristics, B350/A/B thru B360/A/B
R
10
30
50
T = +25 C
A
°
T = +125 C
A
°
T = +70 C
A
°



Html Pages

1 2 3