| Moteur de recherche de fiches techniques de composants électroniques |
|
B1100LB Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
B1100LB Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 2 page ![]() DS30077 Rev. A-2 2 of 2 B1100LB 0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 V , INSTANTANEOUS FORWARD VOLTAGE (V) Fig.2 Typical Forward Characteristics F T - 25 C j ° I Pulse Width = 300 s F µ 10 20 30 40 50 0 1 10 100 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Peak Fwd Surge Current Single Half Sine-Wave (JEDEC Method) T = 150 C j ° 0 40 80 120 160 200 240 1 0.1 10 100 V , (V) R REVERSE VOLTAGE Fig. 4 Typical Junction Capacitance f = 1.0MHz T = 25 C j ° 280 0 1 2 4 3 25 50 75 100 125 150 T , TERMINAL TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve T ° |