| Moteur de recherche de fiches techniques de composants électroniques |
|
1N4448WS Fiches technique(PDF) 2 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
1N4448WS Fiches technique(HTML) 2 Page - Diodes Incorporated |
|
2 / 3 page ![]() DS30096 Rev. 4 - 2 2 of 3 1N4448WS 0 100 300 025 50 75 125 125 150 AMBIENT TEMPERATURE ( C) Fig. 1 Forward Current Derating Curve ° 200 10 100 1 0.1 0 1000 800 200 400 600 V , FORWARD VOLTAGE (mV) Fig. 2 Typical Forward Characteristics F Ta=-30 C ° Ta=50 C ° Ta=0 C ° Ta=85 C ° Ta=25 C ° T5 Cathode Band Type Code Marking Information Notes: 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Device Packaging Shipping 1N4448WS-7 SOD-323 3000/Tape & Reel Ordering Information (Note 3) 0.10 1.0 10.0 0.01 0.001 0 20 40 60 80 V , REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics R Ta = 100 C ° Ta=0 C ° Ta=75 C ° Ta=50 C ° Ta=25 C ° Ta=-30 C ° 04 6 8 2 10 I , FORWARD CURRENT (mA) Fig. 4 Reverse Recovery Time vs. Forward Current F 0 0.5 1.0 1.5 2.0 2.5 |