| Moteur de recherche de fiches techniques de composants électroniques |
|
OVM4RTX Fiches technique(PDF) 4 Page - OPTEK Technologies |
|
|
|||||||||||||||||||||||||||||
OVM4RTX Fiches technique(HTML) 4 Page - OPTEK Technologies |
|
4 / 4 page ![]() OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006 Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com Issue A.4 05/10 Page 4 of 4 OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible. Hi-Reliability Visible LED Lamp OVM4x, OVM4xTX, OVM4xTXV 14.76 13.0 100X 0.250 100X 1.320 100X 0.190 4X 0.500 [12.70] 100X 0.250 POCKET DETAIL Shipping Information: Optek UV LEDs are shipped in either of the below noted conductive trays made for ESD sensitive devices. Each tray contains up to 100 pieces and is then sealed in a plastic ESD bag. Tray dimensions are in inches (mm). |