Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP232 Fiches technique(PDF) 5 Page - OPTEK Technologies

No de pièce OP232
Description  Hermetic Infrared Emitting Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTEK [OPTEK Technologies]
Site Internet  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP232 Fiches technique(HTML) 5 Page - OPTEK Technologies

  OP232 Datasheet HTML 1Page - OPTEK Technologies OP232 Datasheet HTML 2Page - OPTEK Technologies OP232 Datasheet HTML 3Page - OPTEK Technologies OP232 Datasheet HTML 4Page - OPTEK Technologies OP232 Datasheet HTML 5Page - OPTEK Technologies OP232 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .2
01/09
Page 5 of 6
Hermetic Infrared Emitting Diode
OP230 Series
Distance vs Output Power vs Forward Current
0.01
0.10
1.00
10.00
0.2 ''
0.7 ''
1.2 ''
1.7 ''
Distance (inches)
10 mA
20 mA
30 mA
40 mA
50 mA
60 mA
80 mA
100 mA
120 mA
Normalized at 1.0" and 50 mA
Forward Current
Relative Radiant Intensity vs Angular
Displacement
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-80
-30
20
70
Angular Displacement (Degrees)
Forward Voltage vs Forward Current vs
Temperature
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
5
10
15
20
25
30
35
40
45
50
Forward Current (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120° C
Optical Power vs Forward Current vs
Temperature
0.0
0.5
1.0
1.5
2.0
2.5
0
1020
30
40
506070
8090
100
Forward Current IF (mA)
-60° C
-40° C
-20° C
0° C
20° C
40° C
60° C
80° C
100° C
120° C
Normalized at 50 mA and 20°C
OP234, OP234W



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com