| Moteur de recherche de fiches techniques de composants électroniques |
|
ECKTFC101KB Fiches technique(PDF) 4 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECKTFC101KB Fiches technique(HTML) 4 Page - Panasonic Semiconductor |
|
4 / 5 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Ceramic Capacitors (Safety Regulation SMD) E C D r A Wt Chip component Tape running direction Feeding hole Chip pocket t2 t1 P2 P0 P1 φD0 A Unloaded 40 mm min. Unloaded 20 mm min. Leader tape 400 mm min. Chip component position +20 0 –20 –40 –60 –20 0 20 40 60 80 Temperature (˚C) +40 0 –40 –80 –20 0 20 406080 Temperature (˚C) +10 0 – 10 Temperature (˚C) – 20 0 20 40 60 80 100 –15 –10 –5 0 +5 +10 –20 0 20 40 60 80 100 120 Temperature (˚C) Type Packaging style Part Number Minimum Packing Quantity Packing Quantity in Carton Carton Dimensions in mm (L W H) Type BC Embossed Carrier Taping EC TBC 10 to 2200 pF 2000 pcs./reel 6000 pcs. 350 350 62 Type FC Embossed Carrier Taping EC TFC 10 to 2200 pF 3000 pcs./reel 9000 pcs. 350 350 62 ■ Packaging Methods (Taping) ● Minimum Quantity/Packing Unit ● Embossed carrier taping ● Reel ● Leader Part and Taped End Unit:(mm) Symbol AB C D E W t r Dim. (mm) 330±5 60 min. 13.0±0.5 21.0±1.0 2.0±0.5 13.5±1.5 2.0±0.5 R1.0 Symbol AB W F E P1 P2 P0 φD0 t1 t2 Dim. (mm) Type BC 6.5 ±0.2 7.5 ±0.2 12.0 ±0.3 5.5 ±0.1 1.75 ±0.10 8.0 ±0.1 2.00 ±0.05 4.0 ±0.1 1.5 +0.1 –0 0.3 ±0.1 3.2 ±0.3 Type FC 4.8 ±0.2 6.0 ±0.2 2.8 ±0.3 Unit:(mm) ■ Typical Characteristics ● Temperature Characteristics Char. SL/GP (Temp.Coeff.:+350 to –1000 ppm/°C) Char. B/Y5P Temp.Range:–25 to 85 °C Max.Cap.Change:±10 % Temp.Range:–25 to 85 °C max.Cap.Change:+20, –55 % Char. E/Y5U ( ) Char. F/Y5V ( ) Temp.Range:–25 to 85 °C max.Cap.Change:+30, –80 % Dec. 2007 |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |