Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH30W02CW Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce STTH30W02CW
Description  Turbo 2 ultrafast high voltage rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH30W02CW Fiches technique(HTML) 7 Page - STMicroelectronics

  STTH30W02CW Datasheet HTML 1Page - STMicroelectronics STTH30W02CW Datasheet HTML 2Page - STMicroelectronics STTH30W02CW Datasheet HTML 3Page - STMicroelectronics STTH30W02CW Datasheet HTML 4Page - STMicroelectronics STTH30W02CW Datasheet HTML 5Page - STMicroelectronics STTH30W02CW Datasheet HTML 6Page - STMicroelectronics STTH30W02CW Datasheet HTML 7Page - STMicroelectronics STTH30W02CW Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STTH30W02C
Ordering information
Doc ID 023273 Rev 1
7/8
3
Ordering information
4
Revision history
Table 7.
Ordering information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH30W02CW
STTH30W02CW
TO-247
4.46 g
50
Tube
Table 8.
Document revision history
Date
Revision
Changes
05-Oct-2012
1
First issue.



Html Pages

1 2 3 4 5 6 7 8