| Moteur de recherche de fiches techniques de composants électroniques |
|
L1207C2R2MPWST Fiches technique(PDF) 21 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
L1207C2R2MPWST Fiches technique(HTML) 21 Page - Kemet Corporation |
|
21 / 32 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, SC 29606 (864) 963-6300 21 Features: Applications: • Small and low profile inductor • For small DC/DC converter; cellular phones, • Corresponds to high current HDD, HVC, DSC, and PDA LCD display • Simple and original magnetic shield structure Operating Temperature: • Structure strong against shock-proof • -25ºC to +120ºC (including self-generated heat) Metric Dim. Code L Length (inches) W Width (inches) T Thickness Maximum (inches) E (inches) F 3010 3.0 ±0.1 (0.118 ±0.004) 3.0 ±0.1 (0.118 ±0.004) 1.0 max. (0.039 max.) 0.9 ±0.2 (0.035 ±0.008) 1.9 ±0.2 (0.075 ±0.008) 4010 4.0 ±0.2 (0.157 ±0.008) 4.0 ±0.2 (0.157 ±0.008) 1.0 max. (0.039 max.) 1.1 ±0.2 (0.043 ±0.008) 2.5 ±0.2 (0.098 ±0.008) 4012 4.0 ±0.2 (0.157 ±0.008) 4.0 ±0.2 (0.157 ±0.008) 1.2 max. (0.047 max.) 1.1 ±0.2 (0.043 ±0.008) 2.5 ±0.2 (0.098 ±0.008) 4018 4.0 ±0.2 (0.157 ±0.008) 4.0 ±0.2 (0.157 ±0.008) 1.8 max. (0.071 max.) 1.1 ±0.2 (0.043 ±0.008) 2.5 ±0.2 (0.098 ±0.008) 8040 8.0 ±0.2 (0.315 ±0.008) 8.0 ±0.2 (0.315 ±0.008) 4.2 max (0.165 max) 1.6 ±0.3 (0.063 ±0.012) 5.6 ±0.3 (0.220 ±0.012) Low Profile SMD Inductors (L-DWD Series) Part Numbering Table Dimension Table in millimeters (inches) L W H E E F Dimensions 3.0mm x 3.0mm (L-DWD3010 Type, 1.0mm Max. Height) Ordering Code Inductance (μH) Inductance Tolerance Measuring Frequency (KHz) Minimum Self-resonant Frequency (MHz) Maximum DC Resistance ( Ω Ω) ±30% Maximum Rated Current (mA) Maximum Heigh (mm) Tape & Reel Packaging Quantity L3010C1R0NDWDT 1.0 ±30% 100 126 0.065 1300 1.0 2,000 L3010C1R5NDWDT 1.5 ±30% 100 98 0.08 1200 1.0 2,000 L3010C2R2MDWDT 2.2 ±20% 100 82 0.095 1100 1.0 2,000 L3010C3R3MDWDT 3.3 ±20% 100 63 0.14 870 1.0 2,000 L3010C4R7MDWDT 4.7 ±20% 100 56 0.19 750 1.0 2,000 L3010C6R8MDWDT 6.8 ±20% 100 46 0.30 610 1.0 2,000 L3010C100MDWDT 10 ±20% 100 35 0.45 500 1.0 2,000 L3010C150MDWDT 15 ±20% 100 30 0.74 400 1.0 2,000 L3010C220MDWDT 22 ±20% 100 25 1.03 350 1.0 2,000 L3010C330MDWDT 33 ±20% 100 20 1.55 260 1.0 2,000 L3010C470MDWDT 47 ±20% 100 17 2.05 220 1.0 2,000 Dimensions 4.0mm x 4.0mm (L-DWD4010 Type, 1.0mm Max. Height) Ordering code Inductance (μH) Inductance Tolerance Measuring Frequency (KHz) Minimum Self-resonant Frequency (MHz) Maximum DC Resistance ( Ω Ω) ±30% Maximum Rated Current (mA) Maximum Height (mm) Tape & Reel Packaging Quantity L4010C1R0NDWDT 1.0 ±30% 100 116 0.10 1050 1.0 5,000 L4010C2R2NDWDT 2.2 ±30% 100 73 0.15 890 1.0 5,000 L4010C3R3MDWDT 3.3 ±20% 100 58 0.18 820 1.0 5,000 L4010C4R7MDWDT 4.7 ±20% 100 47 0.21 750 1.0 5,000 L4010C6R8MDWDT 6.8 ±20% 100 38 0.30 620 1.0 5,000 L4010C100MDWDT 10 ±20% 100 31 0.38 560 1.0 5,000 L4010C150MDWDT 15 ±20% 100 24 0.51 470 1.0 5,000 L4010C220MDWDT 22 ±20% 100 19 0.87 360 1.0 5,000 L4010C330MDWDT 33 ±20% 100 15 1.54 280 1.0 5,000 L4010C470MDWDT 47 ±20% 100 13 1.81 240 1.0 5,000 Low Profile SMD Inductors - L-DWD Series Inductance Examples: 2R2 = 2.2μH; 100 = 10μH; 101 = 100μH Inductance Tolerance M = ±20%; N = 30% Inductor L C 4012 100 M DWD T Case Size (EIA) 3010, 4010, 4012, 4018, 8040 Type DWD = Coating resin specification Specification C = Commercial Packaging Code T = Tape & Reel |