| Moteur de recherche de fiches techniques de composants électroniques |
|
STPS1L60MF Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS1L60MF Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 10 page ![]() STPS1L60 Package information Doc ID 7504 Rev 8 7/10 2 Package information ● Epoxy meets UL94, V0 ● Band indicates cathode In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 20. Footprint, dimensions in mm (inches) Table 5. SMA dimensions Ref. Dimensions Millimeters Inches Min. Max. Min. Max. A1 1.90 2.45 0.075 0.094 A2 0.05 0.20 0.002 0.008 b 1.25 1.65 0.049 0.065 c 0.15 0.40 0.006 0.016 D 2.25 2.90 0.089 0.114 E 4.80 5.35 0.189 0.211 E1 3.95 4.60 0.156 0.181 L 0.75 1.50 0.030 0.059 E C L E1 D A1 A2 b 2.63 (0.103) 5.43 (0.214) 1.4 1.64 (0.064) 1.4 (0.055) (0.055) |