Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP16CP05XTTR Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce STP16CP05XTTR
Description  Low voltage 16-bit constant current LED sink driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP16CP05XTTR Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button STP16CP05XTTR Datasheet HTML 19Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 20Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 21Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 22Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 23Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 24Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 25Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 26Page - STMicroelectronics STP16CP05XTTR Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Package mechanical data
STP16CP05
24/27
Doc ID 12568 Rev 10
Table 18.
Tape and reel SO-24
Dim.
mm.
inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
330
-
12.992
C
12.8
-
13.2
0.504
-
0.519
D
20.2
-
0.795
-
N
60
-
2.362
-
T
-
30.4
-
1.197
Ao
10.8
-
11.0
0.425
-
0.433
Bo
15.7
-
15.9
0.618
-
0.626
Ko
2.9
-
3.1
0.114
-
0.122
Po
3.9
-
4.1
0.153
-
0.161
P
11.9
-
12.1
0.468
-
0.476
Figure 25. Reel dimensions SO-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27