Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STN4NF06L Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STN4NF06L
Description  N-channel 60 V, 0.07 廓, 4 A SOT-223 STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NF06L Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STN4NF06L Datasheet HTML 2Page - STMicroelectronics STN4NF06L Datasheet HTML 3Page - STMicroelectronics STN4NF06L Datasheet HTML 4Page - STMicroelectronics STN4NF06L Datasheet HTML 5Page - STMicroelectronics STN4NF06L Datasheet HTML 6Page - STMicroelectronics STN4NF06L Datasheet HTML 7Page - STMicroelectronics STN4NF06L Datasheet HTML 8Page - STMicroelectronics STN4NF06L Datasheet HTML 9Page - STMicroelectronics STN4NF06L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Electrical characteristics
STN4NF06L
6/12
Doc ID 14639 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Transconductance
Figure 7.
Static drain-source on resistance
ID
15
10
5
0
0
4
VGS(V)
8
(A)
2
6
20
25
30
VDS=8V
AM09065v1
RDS(on)
65
60
55
50
0
2
ID(A)
(m
Ω)
1
3
70
75
80
85
VGS=10V
4
5
90
95
AM09066v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12