Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6519 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STM6519
Description  4-pin Smart Reset?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6519 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STM6519 Datasheet HTML 7Page - STMicroelectronics STM6519 Datasheet HTML 8Page - STMicroelectronics STM6519 Datasheet HTML 9Page - STMicroelectronics STM6519 Datasheet HTML 10Page - STMicroelectronics STM6519 Datasheet HTML 11Page - STMicroelectronics STM6519 Datasheet HTML 12Page - STMicroelectronics STM6519 Datasheet HTML 13Page - STMicroelectronics STM6519 Datasheet HTML 14Page - STMicroelectronics STM6519 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
STM6519
Timing diagrams
Doc ID 022111 Rev 6
11/25
5
Timing diagrams
Figure 8.
RST output without tREC option
1.
VCC should be powered up before or together with voltage on the SR input to prevent entering test mode by creating
a condition V(SR) > VCC +1.1 V typ.
Figure 9.
RST output with tREC option
1.
VCC should be powered up before or together with voltage on the SR input to prevent entering test mode by creating
a condition V(SR) > VCC +1.1 V typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25