| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L152CB Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L152CB Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 131 page ![]() Pin descriptions STM32L151x6/8/B, STM32L152x6/8/B 40/131 DocID17659 Rev 9 83 54 B5 C8 - PD2 I/O FT PD2 TIM3_ETR/LCD_SEG31/LCD_SEG43/ LCD_COM7 84 - - B8 - PD3 I/O FT PD3 USART2_CTS/SPI2_MISO 85 - - B7 - PD4 I/O FT PD4 USART2_RTS/SPI2_MOSI 86 - - A6 - PD5 I/O FT PD5 USART2_TX 87 - - B6 - PD6 I/O FT PD6 USART2_RX 88 - - A5 - PD7 I/O FT PD7 USART2_CK/TIM9_CH2 89 55 A5 A8 39 PB3 I/O FT JTDO TIM2_CH2/PB3/SPI1_SCK/COMP2_INM/ LCD_SEG7 90 56 A4 A7 40 PB4 I/O FT NJTRST TIM3_CH1/PB4/SPI1_MISO/COMP2_INP/ LCD_SEG8 91 57 C4 C5 41 PB5 I/O FT PB5 I2C1_SMBA/TIM3_CH2/SPI1_MOSI/ COMP2_INP/LCD_SEG9 92 58 D3 B5 42 PB6 I/O FT PB6 I2C1_SCL/TIM4_CH1/USART1_TX 93 59 C3 B4 43 PB7 I/O FT PB7 I2C1_SDA/TIM4_CH2/USART1_RX/PVD_IN 94 60 B4 A4 44 BOOT0 I B BOOT0 - 95 61 B3 A3 45 PB8 I/O FT PB8 TIM4_CH3/I2C1_SCL/LCD_SEG16/ TIM10_CH1 96 62 A3 B3 46 PB9 I/O FT PB9 TIM4_CH4/I2C1_SDA/LCD_COM3/ TIM11_CH1 97 - - C3 - PE0 I/O FT PE0 TIM4_ETR/LCD_SEG36/TIM10_CH1 98 - - A2 - PE1 I/O FT PE1 LCD_SEG37/TIM11_CH1 99 63 D4 D3 47 VSS_3 S- VSS_3 - 100 64 E4 C4 48 VDD_3 S- VDD_3 - 1. I = input, O = output, S = supply. 2. Function availability depends on the chosen device. For devices having reduced peripheral counts, it is always the lower number of peripheral that is included. For example, if a device has only one SPI and two USARTs, they will be called SPI1 and USART1 & USART2, respectively. Refer to Table 2 on page 10. 3. Applicable to STM32L152xx devices only. In STM32L151xx devices, this pin should be connected to VDD. Table 8. STM32L15xxx pin definitions (continued) Pins Pin name Main function(2) (after reset) Alternate functions |