Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151R6 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STM32L151R6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151R6 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STM32L151R6 Datasheet HTML 34Page - STMicroelectronics STM32L151R6 Datasheet HTML 35Page - STMicroelectronics STM32L151R6 Datasheet HTML 36Page - STMicroelectronics STM32L151R6 Datasheet HTML 37Page - STMicroelectronics STM32L151R6 Datasheet HTML 38Page - STMicroelectronics STM32L151R6 Datasheet HTML 39Page - STMicroelectronics STM32L151R6 Datasheet HTML 40Page - STMicroelectronics STM32L151R6 Datasheet HTML 41Page - STMicroelectronics STM32L151R6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 131 page
background image
Pin descriptions
STM32L151x6/8/B, STM32L152x6/8/B
38/131
DocID17659 Rev 9
41
-
-
L8
-
PE10
I/O
TC
PE10
ADC_IN25/TIM2_CH2/COMP1_INP
42
-
-
M9
-
PE11
I/O
FT
PE11
TIM2_CH3
43
-
-
L9
-
PE12
I/O
FT
PE12
TIM2_CH4/SPI1_NSS
44
-
-
M10
-
PE13
I/O
FT
PE13
SPI1_SCK
45
-
-
M11
-
PE14
I/O
FT
PE14
SPI1_MISO
46
-
-
M12
-
PE15
I/O
FT
PE15
SPI1_MOSI
47 29 G7 L10
21
PB10
I/O
FT
PB10
I2C2_SCL/USART3_TX/TIM2_CH3/
LCD_SEG10
48 30 H7 L11
22
PB11
I/O
FT
PB11
I2C2_SDA/USART3_RX/TIM2_CH4/LCD_SE
G11
49 31 D6 F12 23
VSS_1
S-
VSS_1
-
50 32 E6 G12 24
VDD_1
S-
VDD_1
-
51 33 H8 L12
25
PB12
I/O
FT
PB12
SPI2_NSS/I2C2_SMBA/USART3_CK/
LCD_SEG12/ADC_IN18/COMP1_INP/
TIM10_CH1
52 34 G8 K12 26
PB13
I/O
FT
PB13
SPI2_SCK/USART3_CTS/LCD_SEG13/
ADC_IN19/COMP1_INP/TIM9_CH1
53 35 F8 K11 27
PB14
I/O
FT
PB14
SPI2_MISO/USART3_RTS/LCD_SEG14/
ADC_IN20/COMP1_INP/TIM9_CH2
54 36 F7 K10 28
PB15
I/O
FT
PB15
SPI2_MOSI/LCD_SEG15/
ADC_IN21/COMP1_INP/TIM11_CH1/
RTC_REFIN
55
-
-
K9
-
PD8
I/O
FT
PD8
USART3_TX/LCD_SEG28
56
-
-
K8
-
PD9
I/O
FT
PD9
USART3_RX/LCD_SEG29
57
-
-
J12
-
PD10
I/O
FT
PD10
USART3_CK/LCD_SEG30
58
-
-
J11
-
PD11
I/O
FT
PD11
USART3_CTS/LCD_SEG31
59
-
-
J10
-
PD12
I/O
FT
PD12
TIM4_CH1/USART3_RTS/LCD_SEG32
60
-
-
H12
-
PD13
I/O
FT
PD13
TIM4_CH2/LCD_SEG33
Table 8. STM32L15xxx pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Alternate functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More