Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L151C6 Fiches technique(PDF) 43 Page - STMicroelectronics

No de pièce STM32L151C6
Description  Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 128KB Flash, 16KB SRAM, 4KB EEPROM, LCD, USB, ADC, DAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151C6 Fiches technique(HTML) 43 Page - STMicroelectronics

Back Button STM32L151C6 Datasheet HTML 39Page - STMicroelectronics STM32L151C6 Datasheet HTML 40Page - STMicroelectronics STM32L151C6 Datasheet HTML 41Page - STMicroelectronics STM32L151C6 Datasheet HTML 42Page - STMicroelectronics STM32L151C6 Datasheet HTML 43Page - STMicroelectronics STM32L151C6 Datasheet HTML 44Page - STMicroelectronics STM32L151C6 Datasheet HTML 45Page - STMicroelectronics STM32L151C6 Datasheet HTML 46Page - STMicroelectronics STM32L151C6 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 131 page
background image
PA14
JTCK-
SWCLK
--
-
-
--
-
-
-
-
-
-
-
TIMx_IC3 EVENTOUT
PA15
JTDI
TIM2_CH1
_ETR
-
-
-
SPI1_NSS
-
-
-
-
-
SEG17
-
-
TIMx_IC4 EVENTOUT
PB0
-
-
TIM3_CH3
-
-
-
-
-
-
-
-
[SEG5]
-
-
-
EVENTOUT
PB1
-
-
TIM3_CH4
-
-
-
-
-
-
-
-
[SEG6]
-
-
-
EVENTOUT
PB2
BOOT1
--
-
-
--
-
-
-
-
-
-
-
-
EVENTOUT
PB3
JTDO
TIM2_CH2
-
-
-
SPI1_SCK
-
-
-
-
-
[SEG7]
-
-
-
EVENTOUT
PB4
JTRST
-
TIM3_CH1
-
-
SPI1_MISO
-
-
-
-
-
[SEG8]
-
-
-
EVENTOUT
PB5
-
-
TIM3_CH2
-
I2C1_
SMBA
SPI1_MOSI
-
-
-
-
-
[SEG9]
-
-
-
EVENTOUT
PB6
-
-
TIM4_CH1
-
I2C1_SCL
-
-
USART1_
TX
-
-
-
-
-
-
-
EVENTOUT
PB7
-
-
TIM4_CH2
-
I2C1_SDA
-
-
USART1_
RX
-
-
-
-
-
-
-
EVENTOUT
PB8
-
-
TIM4_CH3 TIM10_CH1*
I2C1_SCL
-
-
-
-
-
-
SEG16
-
-
-
EVENTOUT
PB9
-
-
TIM4_CH4 TIM11_CH1*
I2C1_SDA
-
-
-
-
-
-
[COM3]
-
-
-
EVENTOUT
PB10
-
TIM2_CH3
-
-
I2C2_SCL
-
-
USART3_
TX
-
-
-
SEG10
-
-
-
EVENTOUT
PB11
-
TIM2_CH4
-
-
I2C2_SDA
-
-
USART3_
RX
-
-
-
SEG11
-
-
-
EVENTOUT
PB12
-
-
-
TIM10_CH1
I2C2_
SMBA
SPI2_NSS
-
USART3_
CK
-
-
-
SEG12
-
-
-
EVENTOUT
PB13
-
-
-
TIM9_CH1
-
SPI2_SCK
-
USART3_
CTS
-
-
-
SEG13
-
-
-
EVENTOUT
PB14
-
-
-
TIM9_CH2
-
SPI2_MISO
-
USART3_
RTS
-
-
-
SEG14
-
-
-
EVENTOUT
PB15
RTC_REFIN
-
-
TIM11_CH1
-
SPI2_MOSI
-
-
-
-
-
SEG15
-
-
-
EVENTOUT
Table 9. Alternate function input/output (continued)
Port name
Digital alternate function number
AFIO0
AFIO1
AFIO2
AFIO3
AFIO4
AFIO5
AFOI6
AFIO7
AFI
O8
AFI
O9
AFIO10
AFIO11
AFIO
12
AFIO
13
AFIO14
AFIO15
Alternate function
SYSTEM
TIM2
TIM3/4
TIM9/10/11
I2C1/2
SPI1/2
N/A
USART
1/2/3
N/A
N/A
USB
LCD
N/A
N/A
RI
SYSTEM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More