Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8AFP5268 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STM8AFP5268
Description  Automotive 8-bit MCU, with up to 128 Kbytes Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AFP5268 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STM8AFP5268 Datasheet HTML 28Page - STMicroelectronics STM8AFP5268 Datasheet HTML 29Page - STMicroelectronics STM8AFP5268 Datasheet HTML 30Page - STMicroelectronics STM8AFP5268 Datasheet HTML 31Page - STMicroelectronics STM8AFP5268 Datasheet HTML 32Page - STMicroelectronics STM8AFP5268 Datasheet HTML 33Page - STMicroelectronics STM8AFP5268 Datasheet HTML 34Page - STMicroelectronics STM8AFP5268 Datasheet HTML 35Page - STMicroelectronics STM8AFP5268 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 114 page
background image
Pinouts and pin description
STM8AF52/62xx, STM8AF51/61xx
32/114
DocID14395 Rev 10
Figure 7. STM8AF5286UC VFQFPN32 32-pin pinout
1. The following I/O ports are not automatically configured by hardware: PA3, PA4, PA5, PA6, PF4, PB6,
PB7, PE0, PE1, PE2, PE3, PE6, PE7. As a consequence, they must be put into one of the following
configurations by software:
- configured as input with internal pull-up/down resistor,
- configured as output push-pull low.
2. HS stands for high sink capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More