| Moteur de recherche de fiches techniques de composants électroniques |
|
DL5232B Fiches technique(PDF) 2 Page - Dc Components |
|
|
|||||||||||||||||||||||||||||
DL5232B Fiches technique(HTML) 2 Page - Dc Components |
|
2 / 2 page ![]() R DC COMPONENTS CO., LTD. RATING AND CHARACTERISTIC CURVES (DL5221B THRU DL5259B) Nominal Zener Voltage VZ@IZT Volts Zener Test Current IZT mA Maximum Zener Impedance ZZT@IZT ZZT@IZK( ) Ohms Ohms. Maximum Reverse Leakage Current IR @VR uA Volts Typical Temperature Coefficient % / oC Maximum Regulator Current IZM mA DL5221B 2.4 20 30 1200 -0.085 100 1.0 191 DL5222B 2.5 20 30 1250 -0.085 100 1.0 182 DL5223B 2.7 20 30 1300 -0.080 75 1.0 168 DL5224B 2.8 20 30 1400 -0.080 75 1.0 162 DL5225B 3.0 20 29 1600 +0.075 50 1.0 151 DL5226B 3.3 20 28 1600 -0.070 25 1.0 138 DL5227B 3.6 20 24 1700 -0.065 15 1.0 126 DL5228B 3.9 20 23 1900 -0.060 10 1.0 115 DL5229B 4.3 20 22 2000 ±0.055 5.0 1.0 106 DL5230B 4.7 20 19 1900 ±0.030 5.0 2.0 97 DL5231B 5.1 20 17 1600 ±0.030 5.0 2.0 89 DL5232B 5.6 20 11 1600 +0.038 5.0 3.0 81 DL5233B 6.0 20 7 1600 +0.038 5.0 3.5 76 DL5234B 6.2 20 7 1000 +0.045 5.0 4.0 73 DL5235B 6.8 20 5 750 +0.050 3.0 5.0 67 DL5236B 7.5 20 6 500 +0.058 3.0 6.0 61 DL5237B 8.2 20 8 500 +0.062 3.0 6.5 55 DL5238B 8.7 20 8 600 +0.065 3.0 6.5 52 DL5239B 9.1 20 10 600 +0.068 3.0 7.0 50 DL5240B 10 20 17 600 +0.075 3.0 8.0 45 DL5241B 11 20 22 600 +0.076 2.0 8.4 41 DL5242B 12 20 30 600 +0.077 1.0 9.1 38 DL5243B 13 9.5 13 600 +0.079 0.5 9.9 35 DL5244B 14 9.0 15 600 +0.082 0.1 10 32 DL5245B 15 8.5 16 600 +0.082 0.1 11 30 DL5246B 16 7.8 17 600 +0.083 0.1 12 28 DL5247B 17 7.4 19 600 +0.084 0.1 13 27 DL5248B 18 7.0 21 600 +0.085 0.1 14 25 DL5249B 19 6.6 23 600 +0.085 0.1 14 24 DL5250B 20 6.2 25 600 +0.086 0.1 15 23 DL5251B 22 5.6 29 600 +0.087 0.1 17 21.2 DL5252B 24 5.2 33 600 +0.088 0.1 18 19.1 DL5253B 25 5.0 35 600 +0.089 0.1 19 18.2 DL5254B 27 4.6 41 600 +0.090 0.1 21 16.8 DL5255B 28 4.5 44 600 +0.091 0.1 21 16.2 DL5256B 30 4.2 49 600 +0.091 0.1 23 15.1 DL5257B 33 3.8 58 700 +0.092 0.1 25 13.8 DL5258B 36 3.4 70 700 +0.093 0.1 27 12.6 DL5259B 39 3.2 80 800 +0.094 0.1 30 11.5 Breakdown characteristics DL52 SERIES mA 50 40 30 20 10 0 5V 10V 15V 20V 25V 30V IZ VZ Test Current IZ 20mA changes in the power dissipation due to the ambient temperature. 500 400 300 200 100 Ta( oC) 50 100 150 200 300 Ambient Temperature. ( )Izk=0.25mA 299 NEXT BACK EXIT NEXT BACK EXIT NEXT BACK EXIT |