| Moteur de recherche de fiches techniques de composants électroniques |
|
IRFS4310ZPBF Fiches technique(PDF) 8 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS4310ZPBF Fiches technique(HTML) 8 Page - International Rectifier |
|
8 / 11 page ![]() IRFB/S/SL4310ZPbF 8 www.irf.com TO-220AB packages are not recommended for Surface Mount Application. TO-220AB Part Marking Information TO-220AB Package Outline Dimensions are shown in millimeters (inches) LOT CODE 1789 EXAMPLE: T HIS IS AN IRF1010 Note: "P" in assembly line position indicates "Lead - Free" IN T HE AS S EMBLY LINE "C" AS S EMBLED ON WW 19, 2000 INT ERNAT IONAL PART NUMBER RECT IFIER LOT CODE ASSEMBLY LOGO YEAR 0 = 2000 DAT E CODE WEEK 19 LINE C Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/ |