Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS32KHZ Fiches technique(PDF) 1 Page - Dallas Semiconductor

No de pièce DS32KHZ
Description  32.768kHz Temperature-Compensated Crystal Oscillator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS32KHZ Fiches technique(HTML) 1 Page - Dallas Semiconductor

  DS32KHZ Datasheet HTML 1Page - Dallas Semiconductor DS32KHZ Datasheet HTML 2Page - Dallas Semiconductor DS32KHZ Datasheet HTML 3Page - Dallas Semiconductor DS32KHZ Datasheet HTML 4Page - Dallas Semiconductor DS32KHZ Datasheet HTML 5Page - Dallas Semiconductor DS32KHZ Datasheet HTML 6Page - Dallas Semiconductor DS32KHZ Datasheet HTML 7Page - Dallas Semiconductor DS32KHZ Datasheet HTML 8Page - Dallas Semiconductor DS32KHZ Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 of 10
REV: 041603
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS32kHz is a temperature-compensated crystal
oscillator (TCXO) with an output frequency of
32.768kHz. This device
addresses applications
requiring better timekeeping accuracy and can be
used to drive the X1 input of most Dallas
Semiconductor real-time clocks (RTCs), chipsets, and
other ICs containing RTCs. This device is available in
commercial (DS32kHz) and industrial (DS32kHz-N)
temperature versions.
APPLICATIONS
GPS Receivers
Telematics
Network Timing and Synchronization in Servers,
Routers, Hubs, and Switches
Automatic Power Meters
PIN CONFIGURATIONS
FEATURES
§ Accurate to ±4 Min/Yr (-40°C to +85°C)
§ Accurate to ±1 Min/Yr (0°C to +40°C)
§ Battery Backup for Continuous Timekeeping
§ VBAT Operating Voltage: 2.7V to 5.5V with VCC
Grounded
§ VCC Operating Voltage: 4.5V to 5.5V
§ Operating Temperature Range:
0°C to +70°C (Commercial)
-40°C to +85°C (Industrial)
§ No Calibration Required
§ Low-Power Consumption
§ Surface Mountable Using BGA Package
§ UL Recognized
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS32kHz/DIP
0ºC to +70ºC
14 DIP
DS32kHz-N/DIP
-40ºC to +85ºC
14 DIP
DS32kHz/WBGA
0ºC to +70ºC
36 BGA
DS32kHz-N/WBGA
-40ºC to +85ºC
36 BGA
DS32kHz
32.768kHz Temperature-Compensated
Crystal Oscillator
www.maxim-ic.com
BGA
TOP VIEW
N.C.
VCC
32KHZ OUT
TPIN
TPIN
N.C.
N.C.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
DIP
N.C.
GND
VBAT
N.C.
N.C.


Numéro de pièce similaire - DS32KHZ

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
logo
Dallas Semiconductor
DS32KHZ/DIP DALLAS-DS32KHZ/DIP Datasheet
190Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ/DIP MAXIM-DS32KHZ/DIP Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
logo
Dallas Semiconductor
DS32KHZ/WBGA DALLAS-DS32KHZ/WBGA Datasheet
190Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ/WBGA+ MAXIM-DS32KHZ/WBGA+ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results

Description similaire - DS32KHZ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ZC503 ETC1-ZC503 Datasheet
2Mb / 4P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
CSX-532T ETC1-CSX-532T Datasheet
110Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-H08K ABRACON-ASTX-H08K Datasheet
279Kb / 2P
32.768KHz TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
ASVTX-H08K ABRACON-ASVTX-H08K Datasheet
280Kb / 2P
32.768KHz VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
logo
Dallas Semiconductor
DS32KHZ DALLAS-DS32KHZ_07 Datasheet
190Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Vanlong Technology Co.,...
TO520 VANLONG-TO520_13 Datasheet
45Kb / 1P
Temperature Compensated Crystal Oscillator
logo
Maxim Integrated Produc...
DS32KHZ MAXIM-DS32KHZ Datasheet
369Kb / 8P
32.768kHz Temperature-Compensated Crystal Oscillator
REV: 071521
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com