| Moteur de recherche de fiches techniques de composants électroniques |
|
DS232AE Fiches technique(PDF) 8 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS232AE Fiches technique(HTML) 8 Page - Dallas Semiconductor |
|
8 / 10 page ![]() DS232A 8 of 10 16-PIN SOIC (150-MIL) PKG 16-PIN DIM MIN MAX A IN. MM 0.053 1.35 0.069 1.75 A1 IN. MM 0.004 0.10 0.010 0.25 A2 IN. MM 0.048 1.24 0.062 1.57 B IN. MM 0.012 0.30 0.020 0.50 C IN. MM 0.007 0.17 0.011 0.28 D IN. MM 0.386 9.80 0.393 9.98 E IN. MM 0.050 BSC 1.27 BSC E1 IN. MM 0.150 3.81 0.158 4.01 H IN. MM 0.230 5.84 0.244 6.20 L IN. MM 0.016 0.40 0.050 0.89 Θ Θ Θ Θ 0 ° 8 ° |