| Moteur de recherche de fiches techniques de composants électroniques |
|
USB-COM422 Fiches technique(PDF) 13 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
USB-COM422 Fiches technique(HTML) 13 Page - List of Unclassifed Manufacturers |
|
13 / 24 page ![]() Copyright © 2010 Future Technology Devices International Limited 12 Document Reference No.: FT_000135 USB-COM422-PLUS2 Datasheet Version 1.2 Clearance No.: FTDI#103 Then click on the “Advanced…” button. Figure 2.10 - Advanced Options This will display the various advanced settings. Note the COM port assignment in the upper left. Clicking on the drop-down list will display the available port numbers. Select one that is not in use and click OK on each dialog box to activate the selection. Windows will remember this COM port number. 2.2.2 Mac OS X, Linux, Windows CE Device drivers and FTDI installation guides for Mac OS X, Linux and Windows CE are available for download on the FTDIChip web sites. Follow the respective FTDI installation guides for the chosen operating system. |