| Moteur de recherche de fiches techniques de composants électroniques |
|
DS232AR Fiches technique(PDF) 9 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS232AR Fiches technique(HTML) 9 Page - Dallas Semiconductor |
|
9 / 10 page ![]() DS232A 9 of 10 16-PIN SOIC (300-MIL) PKG 16-PIN DIM MIN MAX A IN. MM 0.094 2.39 0.105 2.67 A1 IN. MM 0.004 0.102 0.012 0.30 A2 IN. MM 0.089 2.26 0.095 2.41 b IN. MM 0.013 0.33 0.020 0.51 C IN. MM 0.009 0.229 0.013 0.33 D IN. MM 0.398 10.11 0.412 10.46 E IN. MM 0.050 BSC 1.27 BSC E1 IN. MM 0.290 7.37 0.300 7.62 H IN. MM 0.398 10.11 0.416 10.57 L IN. MM 0.016 0.40 0.040 1.02 Θ Θ Θ Θ 0 ° 8 ° |