| Moteur de recherche de fiches techniques de composants électroniques |
|
DS229 Fiches technique(PDF) 2 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS229 Fiches technique(HTML) 2 Page - Dallas Semiconductor |
|
2 / 9 page ![]() DS229 2 of 9 FUNCTIONAL DIAGRAM OF DS229 Figure 1 NOTE: C5 is a recommended decoupling capacitor which is the same value as C1, C2, C3, and C4. PIN DESCRIPTIONS VCC, GND: DC power is provided to the device on these pins. VCC is the +5-volt input. V+: Positive supply output (RS-232). V+ requires an external storage charge capacitor of at least 0.1 µF. A larger capacitor (up to 10 µF) can be used to reduce supply ripple. |