| Moteur de recherche de fiches techniques de composants électroniques |
|
NFSW157A Fiches technique(PDF) 2 Page - NICHIA CORPORATION |
|
|
|||||||||||||||||||||||||||||
NFSW157A Fiches technique(HTML) 2 Page - NICHIA CORPORATION |
|
2 / 17 page ![]() NICHIA STS-DA1-1300B <Cat.No.110406> 1 SPECIFICATIONS (1) Absolute Maximum Ratings Item Symbol Absolute Maximum Rating Unit Forward Current IF 200 mA Pulse Forward Current IFP 400 mA Allowable Reverse Current IR 85 mA Power Dissipation PD 720 mW Operating Temperature Topr -40~100 °C Storage Temperature Tstg -40~100 °C Junction Temperature TJ 120 °C * Absolute Maximum Ratings at TS=25°C. * IFP conditions with pulse width ≤10ms and duty cycle ≤10%. (2) Initial Electrical/Optical Characteristics Item Symbol Condition Typ Max Unit Forward Voltage VF IF=150mA 3.2 - V Luminous Flux Φv IF=150mA 55 - lm Luminous Intensity Iv IF=150mA 18.5 - cd x - IF=150mA 0.344 - - Chromaticity Coordinate y - IF=150mA 0.355 - - Thermal Resistance RθJS - 17 24 °C/W * Characteristics at TS=25°C. * Luminous Flux value is traceable to the CIE 127:2007-compliant national standards. * The Chromaticity Coordinates are derived from the CIE 1931 Chromaticity Diagram. * RθJS is Thermal Resistance from junction to TS measuring point. |