Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS2152L Fiches technique(PDF) 63 Page - Dallas Semiconductor

No de pièce DS2152L
Description  Enhanced T1 Single-Chip Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2152L Fiches technique(HTML) 63 Page - Dallas Semiconductor

Back Button DS2152L Datasheet HTML 59Page - Dallas Semiconductor DS2152L Datasheet HTML 60Page - Dallas Semiconductor DS2152L Datasheet HTML 61Page - Dallas Semiconductor DS2152L Datasheet HTML 62Page - Dallas Semiconductor DS2152L Datasheet HTML 63Page - Dallas Semiconductor DS2152L Datasheet HTML 64Page - Dallas Semiconductor DS2152L Datasheet HTML 65Page - Dallas Semiconductor DS2152L Datasheet HTML 66Page - Dallas Semiconductor DS2152L Datasheet HTML 67Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
DS2152
63 of 93
TBOC: TRANSMIT BOC REGISTER (Address=07 Hex)
(MSB)
(LSB)
SBOC
HBEN
BOC5
BOC4
BOC3
BOC2
BOC1
BOC0
SYMBOL
POSITION
NAME AND DESCRIPTION
SBOC
TBOC.7
Send BOC. Rising edge triggered. Must be transitioned from a 0
to a 1 transmit the BOC code placed in the BOC0 to BOC5 bits
instead of data from the HDLC controller.
HBEN
TBOC.6
Transmit HDLC & BOC Controller Enable.
0 = source FDL data from the TLINK pin
1 = source FDL data from the onboard HDLC and BOC
controller
BOC5
TBOC.5
BOC Bit 5. Last bit transmitted of the 6-bit codeword.
BOC4
TBOC.4
BOC Bit 4.
BOC3
TBOC.3
BOC Bit 3.
BOC2
TBOC.2
BOC Bit 2.
BOC1
TBOC.1
BOC Bit 1.
BOC0
TBOC.0
BOC Bit 0. First bit transmitted of the 6-bit codeword.
TFFR: TRANSMIT FDL FIFO REGISTER (Address=08 Hex)
(MSB)
(LSB)
FDL7
FDL6
FDL5
FDL4
FDL3
FDL2
FDL1
FDL0
SYMBOL
POSITION
NAME AND DESCRIPTION
FDL7
TFFR.7
FDL Data Bit 7. MSB of a HDLC packet data byte.
FDL6
TFFR.6
FDL Data Bit 6.
FDL5
TFFR.5
FDL Data Bit 5.
FDL4
TFFR.4
FDL Data Bit 4.
FDL3
TFFR.3
FDL Data Bit 3.
FDL2
TFFR.2
FDL Data Bit 2.
FDL1
TFFR.1
FDL Data Bit 1.
FDL0
TFFR.0
FDL Data Bit 0. LSB of a HDLC packet data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94