Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS1982 Fiches technique(PDF) 3 Page - Dallas Semiconductor

No de pièce DS1982
Description  1-kbit Add-Only iButton
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1982 Fiches technique(HTML) 3 Page - Dallas Semiconductor

  DS1982 Datasheet HTML 1Page - Dallas Semiconductor DS1982 Datasheet HTML 2Page - Dallas Semiconductor DS1982 Datasheet HTML 3Page - Dallas Semiconductor DS1982 Datasheet HTML 4Page - Dallas Semiconductor DS1982 Datasheet HTML 5Page - Dallas Semiconductor DS1982 Datasheet HTML 6Page - Dallas Semiconductor DS1982 Datasheet HTML 7Page - Dallas Semiconductor DS1982 Datasheet HTML 8Page - Dallas Semiconductor DS1982 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DS1982
3 of 23
DS1982 become accessible and the bus master may issue any one of the five memory function commands
specific to the DS1982 to read or program the various data fields. The protocol for these memory function
commands is described in Figure 6. All data is read and written least significant bit first.
64-BIT LASERED ROM
Each DS1982 contains a unique ROM code that is 64 bits long. The first 8 bits are a 1-Wire family code.
The next 48 bits are a unique serial number. The last 8 bits are a CRC of the first 56 bits. (See Figure 3).
The 64-bit ROM and ROM Function Control section allow the DS1982 to operate as a 1-Wire device and
follow the 1-Wire protocol detailed in the section “1-Wire Bus System.” The memory functions required
to read and program the EPROM sections of the DS1982 are not accessible until the ROM function
protocol has been satisfied. This protocol is described in the ROM functions flow chart (Figure 9). The 1-
Wire bus master must first provide one of four ROM function commands: 1) Read ROM, 2) Match ROM,
3) Search ROM, or 4) Skip ROM. After a ROM function sequence has been successfully executed, the
bus master may then provide any one of the memory function commands specific to the DS1982 (Figure
6).
The 1-Wire CRC of the lasered ROM is generated using the polynomial X
8 + X5 + X4 + 1. Additional
information about the Dallas Semiconductor 1-Wire Cyclic Redundancy Check is available in the Book
of DS19xx iButton Standards. The shift register acting as the CRC accumulator is initialized to 0. Then
starting with the least significant bit of the family code, 1 bit at a time is shifted in. After the 8
th bit of the
family code has been entered, then the serial number is entered. After the 48
th bit of the serial number has
been entered, the shift register contains the CRC value. Shifting in the 8 bits of CRC should return the
shift register to all 0s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23