| Moteur de recherche de fiches techniques de composants électroniques |
|
DS9101 Fiches technique(PDF) 3 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS9101 Fiches technique(HTML) 3 Page - Dallas Semiconductor |
|
3 / 12 page ![]() DS1904 3 of 12 HIERARCHICAL STRUCTURE FOR 1-WIRE PROTOCOL Figure 2 DS1904 Command Level Available Commands Data Fields Affected 1-Wire Bus Other Devices Bus Master DS1904 Function (see Figure Write Read RTC Counter, Device RTC Counter, Device Read Match Search Skip 64-bit 64-bit 64-bit N/A 1-Wire ROM Commands (see Figure 64-BIT LASERED ROM Figure 3 MSB LSB 8-Bit CRC Code 48-Bit Serial Number 8-Bit Family Code (24h) MSB LSB MSB LSB MSB LSB 1-WIRE CRC GENERATOR Figure 4 R X2 X1 X0 X8 X7 X6 X5 X4 X3 8TH STAGE 7TH STAGE 6TH STAGE 5TH STAGE 4TH STAGE 3RD STAGE 2ND STAGE 1ST STAGE S INPUT DATA Polynomial = X8 + X5 + X4 + 1 |