| Moteur de recherche de fiches techniques de composants électroniques |
|
DS18S20Z Fiches technique(PDF) 21 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS18S20Z Fiches technique(HTML) 21 Page - Dallas Semiconductor |
|
21 / 27 page ![]() DS18S20 21 of 27 Related Application Notes The following Application Notes can be applied to the DS18S20. These notes can be obtained from the Dallas Semiconductor “Application Note Book,” via our website at http://www.dalsemi.com/. Application Note 27: “Understanding and Using Cyclic Redundancy Checks with Dallas Semiconductor Touch Memory Product” Application Note 55: “Extending the Contact Range of Touch Memories” Application Note 74: “Reading and Writing Touch Memories via Serial Interfaces” Application Note 104: “Minimalist Temperature Control Demo” Application Note 105: “High Resolution Temperature Measurement with Dallas Direct–to–Direct Temperature Sensors” Application Note 106: “Complex MicroLANs” Application Note 108: “MicroLAN – In the Long Run” Sample 1–Wire subroutines that can be used in conjunction with AN74 can be downloaded from the website or our Anonymous FTP Site. MEMORY FUNCTION EXAMPLE Table 3 Example: Bus Master initiates temperature conversion, then reads temperature (parasite power assumed). MASTER MODE DATA (LSB FIRST) COMMENTS TX Reset Reset pulse (480-960 µs). RX Presence Presence pulse. TX 55h Issue “Match ROM” command. TX <64-bit ROM code> Issue address for DS18S20. TX 44h Issue “ Convert T” command. TX <I/O LINE HIGH> I/O line is held high for at least 750 ms by bus master to allow conversion to complete. TX Reset Reset pulse. RX Presence Presence pulse. TX 55h Issue “Match ROM” command. TX <64-bit ROM code> Issue address for DS18S20. TX BEh Issue “Read Scratchpad” command. RX <9 data bytes> Read entire scratchpad plus CRC; the master now recalculates the CRC of the eight data bytes received from the scratchpad, compares the CRC calculated and the CRC read. If they match, the master continues; if not, this read operation is repeated. TX Reset Reset pulse. RX Presence Presence pulse, done. |