Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC2148 Fiches technique(PDF) 2 Page - NEC

No de pièce 2SC2148
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SC2148 Fiches technique(HTML) 2 Page - NEC

  2SC2148 Datasheet HTML 1Page - NEC 2SC2148 Datasheet HTML 2Page - NEC 2SC2148 Datasheet HTML 3Page - NEC 2SC2148 Datasheet HTML 4Page - NEC 2SC2148 Datasheet HTML 5Page - NEC 2SC2148 Datasheet HTML 6Page - NEC 2SC2148 Datasheet HTML 7Page - NEC 2SC2148 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SC2148, 2SC2149
2
2SC2148
2SC2149
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
600
400
200
0
50
100 110
140 150
200
TA
−Ambient Temperature−°C
free-air; Rth(j-a) 600
°C/W
with infinite heat sink; Rth(j-c) 120
°C/W
mounting on ceramic boad with solder
(Al2O3 20
× 50 × 0.635 mm)
; Rth(j-a) 180
°C/W
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
500
400
300
200
100
0
50
48
100
TA
−Ambient Temperature−°C
150
200
free-air; Rth(j-a) 610
°C/W
with infinite heat sink; Rth(j-c) 130
°C/W
mounting on ceramic boad with solder
(Al2O3 20
× 50 × 0.635 mm)
; Rth(j-a) 190
°C/W



Html Pages

1 2 3 4 5 6 7 8