Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DS1809 Fiches technique(PDF) 5 Page - Dallas Semiconductor

No de pièce DS1809
Description  Dallastat, 64-position linear taper
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DALLAS [Dallas Semiconductor]
Site Internet  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1809 Fiches technique(HTML) 5 Page - Dallas Semiconductor

  DS1809 Datasheet HTML 1Page - Dallas Semiconductor DS1809 Datasheet HTML 2Page - Dallas Semiconductor DS1809 Datasheet HTML 3Page - Dallas Semiconductor DS1809 Datasheet HTML 4Page - Dallas Semiconductor DS1809 Datasheet HTML 5Page - Dallas Semiconductor DS1809 Datasheet HTML 6Page - Dallas Semiconductor DS1809 Datasheet HTML 7Page - Dallas Semiconductor DS1809 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DS1809
101999
5 of 8
If during any pushbutton activity the STR input is activated, pushbutton operation will be suspended until
the storage of EEPROM has been completed. Once complete, pushbutton inputs, if still active, will
resume from the point of suspension. Command initiated storage operations will require a minimum of 4
ms to complete the storage operation. This 4 ms is measured from the rise of STR input (see Figure 5).
For applications not requiring or using the nonvolatile memory feature of the DS1809, it is recommended
that the STR input be connected to GND.
COMMAND INITIATED WIPER STORAGE - Figure 5



Html Pages

1 2 3 4 5 6 7 8